Part Number Hot Search : 
T7201535 KP120 00950 YD5265 EPT7020 B1215 A4016U4 STV5728
Product Description
Full Text Search
 

To Download BLV946 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BLV946 UHF power transistor
Product specification Supersedes data of 1995 Jun 29 1997 Oct 30
Philips Semiconductors
Product specification
UHF power transistor
FEATURES * Internal input and output matching for easy matching, high gain and efficiency * Poly-silicon emitter ballasting resistors for an optimum temperature profile * Gold metallization ensures excellent reliability. APPLICATIONS * Base stations in the 850 to 960 MHz frequency range. DESCRIPTION
handbook, halfpage
BLV946
PINNING - SOT273A PIN 1 2 3 4 5 6 emitter emitter collector base emitter emitter DESCRIPTION
2
4
6
NPN silicon planar transistor intended for common emitter class-AB operation. The transistor has internal input and output matching by means of MOS capacitors. The encapsulation is a SOT273A flange envelope with a ceramic cap. All leads are isolated from the flange.
1 Top view 3 5
MBK131
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA RF performance at Th = 25 C in a common emitter test circuit. MODE OF OPERATION CW, class-AB f (MHz) 960 VCE (V) 26 PL (W) 40 Gp (dB) 9 C (%) 55
WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste.
1997 Oct 30
2
Philips Semiconductors
Product specification
UHF power transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VEBO IC IC(AV) Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) average collector current total power dissipation storage temperature range operating junction temperature up to Tmb = 25 C open base open collector CONDITIONS open emitter - - - - - - -65 - MIN.
BLV946
MAX. 70 30 3 6 6 90 +150 +200
UNIT V V V A A W C C
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink CONDITIONS Ptot = 90 W; Tmb = 25 C VALUE 1.94 0.3 UNIT K/W K/W
handbook, halfpage
10
MLD231
handbook, halfpage
120
MLD232
IC (A) (1) (2)
Ptot (W) (2) 80
(1) 40
1
1
10
V CE (V)
10 2
0 0 40 80 120 Th ( o C) 160
(1) Tmb = 25 C. (2) Th = 70 C.
(1) Continuous operation. (2) Short-time operation during mismatch.
Fig.2 DC SOAR.
Fig.3 Power derating curve.
1997 Oct 30
3
Philips Semiconductors
Product specification
UHF power transistor
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICES hFE Cc Notes 1. Measured under pulsed conditions: tp 500 s; 0.01. 2. CC value is that of the die only; it is not measurable because of internal matching network. PARAMETER collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector leakage current DC current gain collector capacitance CONDITIONS open emitter; IC = 30 mA open base; IC = 60 mA open collector; IE = 1.2 mA VBE = 0; VCE = 28 V VCE = 10 V; IC = 2 A; note 1 VCB = 26 V; IE = ie = 0; f = 1 MHz; note 2 MIN. 70 30 3 - 30 - - - - - - 33 TYP.
BLV946
MAX. - - - 3 120 -
UNIT V V V mA pF
MLD233
handbook, halfpage
100
h FE 80 (1) 60 (2) 40
20
0
0
1
2
3
4
5 I C (A)
6
Measured under pulsed conditions; tp 500 s; 0.01. (1) VCE = 26 V. (2) VCE = 10 V.
Fig.4
DC current gain as a function of collector current; typical values.
1997 Oct 30
4
Philips Semiconductors
Product specification
UHF power transistor
APPLICATION INFORMATION RF performance at Th = 25 C in a common emitter, class-AB test circuit; Rth mb-h = 0.3 K/W. MODE OF OPERATION CW, class-AB f (MHz) 960 VCE (V) 26 ICQ (mA) 130 PL (W) 40 Gp (dB) 9 typ. 11
BLV946
C (%) 55 typ. 60
Ruggedness in class-AB operation The BLV946 is capable of withstanding a load mismatch corresponding to VSWR = 5 : 1 through all phases at rated output power, under the following conditions: VCE = 26 V; f = 960 MHz; ICQ = 130 mA; Th = 25 C; Rth mb-h = 0.3 K/W.
handbook, halfpage
16
MLD234
80 (%) 60 Gp
MLD235
handbook, halfpage
60
Gp (dB) 12
PL (W) 40
8
40
20 4 20
0 0 20 40 P L (W) 60
0
0 0 2 4 6 8 P i (W) 10
VCE = 26 V. ICQ = 130 mA. f = 960 MHz.
VCE = 26 V. ICQ = 130 mA. f = 960 MHz.
Fig.5
Power gain and efficiency as functions of load power; typical values.
Fig.6
Load power as a function of input power; typical values.
1997 Oct 30
5
Philips Semiconductors
Product specification
UHF power transistor
BLV946
handbook, full pagewidth
L6 Vbias C5 C6 C4 R1 C8
C7
C9
C12
L7 R2 VCC C15
C13
C14
L5
L8
C10
C11
input 50
,,,, ,,,,,,,,, ,,,, ,,,,,,,,, ,,,,,
L9 L1 L2 C3 L4 DUT L10 C16 L11 L12 C1 C2 C17 C18 L3
output 50
MLD236
Fig.7 Class-AB test circuit at 960 MHz.
List of components COMPONENT C1, C2, C17, C18 C3, C16 C4, C13 C5, C8, C10, C13, C15 C6 C7, C11 C9 C12 C14 L1 L2 L3, L9 L4, L10 DESCRIPTION TEKELEC variable capacitor type 6451 multilayer ceramic chip capacitor; note 1 electrolytic capacitor multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 VALUE 12 pF 68 pF, 500 V 10 F, 63 V 20 pF, 500 V 100 nF, 50 V 100 pF, 500 V 470 pF, 50 V 10 nF, 50 V 22 nF, 50 V 50 50 8 37 length 36 mm width 2.2 mm length 8 mm width 2.2 mm length 10 mm width 20 mm length 4.5 mm width 3.5 mm 2222 731 18471 2222 731 18103 2222 731 18223 2222 581 76641 2222 030 28109 DIMENSIONS CATALOGUE No.
1997 Oct 30
6
Philips Semiconductors
Product specification
UHF power transistor
BLV946
COMPONENT L5 L6, L7 L8 L11 L12 R1, R2 Notes
DESCRIPTION microchoke Ferroxcube wide band HF choke, grade 3B 4.5 turns enamelled 1 mm copper wire stripline; note 2 stripline; note 2 metal film resistor
VALUE 2.2 H
DIMENSIONS
CATALOGUE No. 4322 057 02281 4312 020 36642
50 nH 50 50 100 ; 0.4 W
internal dia. 4 mm close wound length 7 mm width 2.2 mm length 37 mm width 2.2 mm 2322 171 11001
1. American Technical Ceramics type 100B or capacitor of same quality. 2. The striplines are on a double copper-clad printed-circuit board, with PTFE microfibre-glass dielectric (r = 2.2); thickness 132"; thickness of the copper sheet 2 x 35 m.
1997 Oct 30
7
Philips Semiconductors
Product specification
UHF power transistor
BLV946
handbook, full pagewidth
70
70
70
70
KV9004
KV9005
C6 V bias C4 C5 L6 R1 L1 C2 C1 L2 L4 C3 L10 C16 C8 C7 L5 L3 L9 C9 L8
C10 C12 C11
C14 C13
C15 VCC
L7 R2 L12
L11 C17
C18
MLD237
Dimensions in mm. The components are located on one side of the copper-clad PTFE microfibre-glass board, the other side is unetched and serves as a ground plane. Earth connections from the component side to the ground plane are made by through metallization.
Fig.8 Component layout and printed circuit board for 960 MHz class-AB test circuit. 1997 Oct 30 8
Philips Semiconductors
Product specification
UHF power transistor
BLV946
MLD238
MLD239
handbook, halfpage
10
handbook, halfpage
10
Zi () 5
xi ri
ZL () 5 RL
0
0
XL 5 5
10 840
880
920
960
1000 f (MHz)
10 840
880
920
960
1000 f (MHz)
VCE = 26 V; ICQ = 130 mA; PL = 40 W; Th = 25 C; Rth mb-h = 0.3 K/W.
VCE = 26 V; ICQ = 130 mA; PL = 40 W; Th = 25 C; Rth mb-h = 0.3 K/W.
Fig.9
Input impedance as a function of frequency (series components); typical values.
Fig.10 Load impedance as a function of frequency (series components); typical values.
handbook, halfpage
14
MLD240
Gp (dB) 12
10
handbook, halfpage
8
Zi ZL
MBA451
6 820
880
940
1000
1060 f (MHz)
VCE = 26 V; ICQ = 130 mA; PL = 40 W; Th = 25 C; Rth mb-h = 0.3 K/W.
Fig.11 Power gain as a function of frequency; typical values.
Fig.12 Definition of transistor impedance.
1997 Oct 30
9
Philips Semiconductors
Product specification
UHF power transistor
PACKAGE OUTLINE Flanged ceramic package; 2 mounting holes; 6 leads
BLV946
SOT273A
D
A F
U1 q H1 b1 C w2 M C
B
c
5
3
1
H
U2
E
A
6
4
b e
2
p w3 M
w1 M A B Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 7.45 7.27 0.286 0.254 b 2.42 1.80 b1 3.18 2.92 c 0.16 0.10 D E e 4.35 0.171 F 3.05 2.54 0.120 0.100 H 15.75 14.73 0.62 0.58 H1 10.93 10.66 0.43 0.42 p 3.31 3.04 0.130 0.120 Q 4.35 4.03 q 18.42 U1 24.90 24.63 0.98 0.97 U2 10.29 10.03 0.405 0.395 w1 0.51 0.02 w2 1.02 0.04 w3 0.25 0.01
10.93 10.29 10.66 10.03
0.095 0.125 0.071 0.115
0.006 0.430 0.405 0.004 0.420 0.395
0.171 0.725 0.159
OUTLINE VERSION SOT273A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-06-28
1997 Oct 30
10
Philips Semiconductors
Product specification
UHF power transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BLV946
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Oct 30
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA55
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
127067/00/03/pp12
Date of release: 1997 Oct 30
Document order number:
9397 750 02986


▲Up To Search▲   

 
Price & Availability of BLV946

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X